PART |
Description |
Maker |
AD7836 AD7836AS AD7836ASZ AD7836-15 |
LC MOS Quad 14-Bit DAC Quad 14-Bit CMOS DAC on One Monolithic Chip PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 14-BIT DAC, PQFP44 LC2MOS Quad 14-Bit DAC
|
AD[Analog Devices]
|
5962-8871901MXA 5962-8871902MXA 5962-8871903MYA |
Monolithic 12-Bit Quad DAC
|
Analog Devices
|
AD664KN-BIP AD664KN-UNI AD664KP AD664BD-BIP AD664B |
Monolithic 12-Bit Quad DAC
|
AD[Analog Devices]
|
CMEDA-6I |
SMD Switching Diode QUAD: MONOLITHIC SURFACE MOUNT SUPERmini MONOLITHIC, ISOLATED SILICON QUAD SWITCHING DIODE ARRAY
|
CENTRAL[Central Semiconductor Corp]
|
AD7835AP AD7835AS AD7834BN AD7835 AD7834AR |
14-Bit Quad DAC(14浣??D/A杞???? LC2MOS Quad 14-Bit DAC 2.35V-5.25V, 12 bit, 1MSPS, Serial ADC 6-SC70 -40 to 125 QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 14-BIT DAC, PDIP28 LC2MOS Quad 14-Bit DAC
|
http:// Analog Devices, Inc.
|
A29L008UV-90 A29L008TV-90U A29L008TV-90 A29L008TV- |
90ns; active read:9mA; programm/erase:20mA 0.2uA 1M x 8bit CMOS 3.0V-only boot sector flash memory 1M X 8 Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory From old datasheet system
|
AMICC[AMIC Technology]
|
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
74ACTQ16240 74ACTQ16240MTD 74ACTQ16240SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor Quad 4-Bit Buffer/Driver ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MAX537BC/D MAX536BC/D MAX536-MAX537 MAX537AEPE |
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface QUAD, SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP16 Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 校准型、四路2位、电压输出DAC,串行接 Calibrated / Quad / 12-Bit Voltage-Output DACs with Serial Interface
|
Maxim Integrated Products, Inc.
|
AD5624R AD5644R AD5664R |
Quad,12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC? with 5ppm/°C On-Chip Reference Quad, 14-Bit nanoDAC? with 5ppm/°C On-Chip Reference Quad, 16-Bit nanoDAC? with 5ppm/°C On-Chip Reference
|
Analog Devices
|
AD5665-RBRUZ-2 AD5665BCPZ-250RL7 AD5665BCPZ-REEL7 |
Quad, 12-/14-/16-Bit nanoDACs with 5ppm/∑C On-chip Ref, I2C Interface QUAD, SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO14 Quad, 12-/14-/16-Bit nanoDACs with 5ppm/°C On-chip Ref, I2C Interface
|
Analog Devices, Inc.
|